Part Number Hot Search : 
HWL34YRA 73S8024 EC3AB11 MS108 630BH023 90TFIR10 3PR5K PMT8250
Product Description
Full Text Search
 

To Download RKBPC3510W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
RKBPC10, 15, 25, 35 SERIES
Pb
10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
Features
! ! ! ! Diffused Junction A C G ~ + ~ C C ~ D + A C G Low Reverse Leakage Current Low Power Loss, High Efficiency Electrically Isolated Epoxy Case for ~ Maximum Heat Dissipation D ! Case to Terminal Isolation Voltage 2500V ! Recognized File # E157705 H
H E B
RKBPC RKBPC-W
Mechanical Data
! ! ! ! ! ! ! ! Case: Molded Plastic with Heatsink, Available in Both Low Profile and Standard Case Terminals: Plated Faston Lugs or Wire Leads, Add "W" Suffix to Indicate Wire Leads Polarity: As Marked on Case Mounting: Through Hole with #10 Screw Mounting Torque: 23 cm-kg (20 in-lbs) Max. Weight: 21 grams (RKBPC); 18 grams (RKBPC-W) Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 5
E B
Dim A B C D E G H
RKBPC RKBPC-W Low Profile / Standard Low Profile / Standard Min Max Min Max 28.40 28.70 28.40 28.70 7.50 / 10.97 8.50 / 11.23 7.50 / 10.97 8.50 / 11.23 15.70 16.70 17.10 19.10 17.50 18.50 10.90 11.90 22.50 / 22.86 23.50 / 25.40 30.50 -- Hole for #10 screw, 5.08O Nominal 6.35 Typical 0.97O 1.07O All Dimension in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Output Current @TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave Superimposed on rated load (JEDEC Method) Forward Voltage Drop per leg RKBPC10 RKBPC15 RKBPC25 RKBPC35 RKBPC10 RKBPC15 RKBPC25 RKBPC35
Symbol VRRM VRWM VR VR(RMS)
RKBPC10, 15, 25, 35 00 50 35 01 100 70 02 200 140 04 400 280 10 15 25 35 200 300 300 400 06 600 420 08 800 560 10 1000 700
Unit
V V
IO
A
IFSM
A
RKBPC10 @IF = 5.0A RKBPC15 @IF = 7.5A RKBPC25 @IF = 12.5A RKBPC35 @IF = 17.5A @TC = 25C @TC = 125C
VFM
1.3
V
Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1)
IRM trr 150
10 500 250 500
A nS
RKBPC10, 15, 25, 35 SERIES
1 of 5
(c) 2006 Won-Top Electronics
Maximum Ratings and Electrical Characteristics
RKBPC10 RKBPC15 RKBPC25 RKBPC35 RKBPC10 RKBPC15 RKBPC25 RKBPC35 RKBPC10 RKBPC15 RKBPC25 RKBPC35
@TA=25C unless otherwise specified
I2t Rating for Fusing (t < 8.3ms)
I2t
166 373 373 664 200 200 300 400 3.0 2.6 2.6 2.1 2500 -65 to +125
A2s
Typical Junction Capacitance per leg (Note 2)
Cj
pF
Typical Thermal Resistance per leg (Note 3)
RJC
C/W
RMS Isolation Voltage from Case to Lead Operating and Storage Temperature Range
VISO Tj, TSTG
V C
Note: 1. Measured at IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 3. Thermal resistance junction to case, mounted on heatsink.
RKBPC10, 15, 25, 35 SERIES
2 of 5
(c) 2006 Won-Top Electronics
RKBPC35
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 220 x 220 x 50 mm AL plate heatsink Resistive or Inductive load
30
RKBPC25
IF, INSTANTANEOUS FORWARD CURRENT (A)
40
100
10
20
RKBPC15
1.0
10
RKBPC10
0.1
Tj = 25C
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
RKBPC35
300
RKBPC35
RKBPC15, 25
Cj, CAPACITANCE (pF)
RKBPC25
200
RKBPC10, 15
100
100
RKBPC10
Tj = 150C
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element) 1.0
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
RKBPC10, 15, 25, 35 SERIES
3 of 5
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RKBPC RKBPC-W
+ WTE AC RKBPCxxyy
WTE RKBPCxxyy xx yy Polarity = Manufacturer's Logo = Device Number = 10, 15, 25 or 35 = 00, 01, 02, 04, 06, 08 or 10 = As Marked on Body WTE RKBPCxxyyW xx yy Polarity
AC + WTE RKBPCxxyyW
= Manufacturer's Logo = Device Number = 10, 15, 25 or 35 = 00, 01, 02, 04, 06, 08 or 10 = As Marked on Body
PACKAGING INFORMATION
BULK
Inner Box Size L x W x H (mm) 195 x 195 x 40 195 x 195 x 40 Quantity (PCS) 50 50 Carton Size L x W x H (mm) 405 x 205 x 240 405 x 205 x 240 Quantity (PCS) 500 500 Approx. Gross Weight (KG) 12.0 11.0
Case Style RKBPC RKBPC-W
Note: 1. Paper box, white or brown color.
RKBPC10, 15, 25, 35 SERIES
4 of 5
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
RKBPCxx00 RKBPCxx00W RKBPCxx01 RKBPCxx01W RKBPCxx02 RKBPCxx02W RKBPCxx04 RKBPCxx04W RKBPCxx06 RKBPCxx06W RKBPCxx08 RKBPCxx08W RKBPCxx10 RKBPCxx10W
1. 2.
Package Type
Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge Square Bridge
Shipping Quantity
50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box 50 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, RKBPC1000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
RKBPC10, 15, 25, 35 SERIES
5 of 5
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of RKBPC3510W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X